Part Number Hot Search : 
LC7931D KMM366 TVS5V 1H102MC IRS2505L NCL30080 2SK2968 1SMC85
Product Description
Full Text Search
 

To Download MBR120100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Transys
Electronics
LIMITED
MBR12020(R) THRU MBR120100(R)
SCHOTTKY DIODES MODULE TYPE 120A
Features
High Surge Capability
Types Up to 100V V RRM
120Amp Rectifier 20-100 Volts HALF PACKAGE
Maximum Ratings
Operating Temperature: -40 C to +175 Storage Temperature: -40 C to +175 Part Number Maximum Recurrent Peak Reverse Voltage 20V 30V 35V 40V 45V 60V 80V 100V Maximum DC Blocking Voltage 20V 30V 35V 40V 45V 60V 80V 100V
G D J
K
Maximum RMS Voltage 14V 21V 25V 28V 32V 42V 56V 70V
B
F
MBR12020( R )
MBR12030( R ) MBR12035( R ) MBR12040( R ) MBR12045( R ) MBR12060( R ) MBR12080( R ) MBR120100( R )
E H C
A
L
Electrical Characteristics @ 25
Average Forward Current Peak Forward Surge Current Maximum NOTE (1) Instantaneous Forward Voltage Maximum Instantaneous Reverse Current At Rated DC Blocking NOTE (1) Voltage IF(AV) IFSM VF
Unless Otherwise Specified
120A 2000A
0.65V 0.75V 0.84V
Baseplate Common Cathode
Baseplate R=Common Anode
TC =136
DIMENSIONS INCHES MIN MAX 1/4 1.515 1.560 .725 .775 .595 .625 1.192 .1.182 .745 .755 .152 .160 - 20 1/4 .540 .580 .156 .160 .505 .495 .130 .120 MM MIN 38.48 18.42 15.11 30.02 18.92 3.86 UNC 13.72 3.96 12.57 3.05 MAX 39.62 19.69 15.88 30.28 19.18 4.061 - 2B 14.73 4.06 12.83 3.30 NOTE
8.3ms , half sine
(MBR12020~MBR12045) (MBR12060) (MBR12080~MBR120100) I FM =120 A; T j = 25
IR
4.0 m A 250 mA
TJ = 25 TJ =125
Maximum Thermal Resistance Junction To Case
R jc
0.8
/W
DIM A B C D E F G H J K L
NOTE : (1) Pulse Test: Pulse Width 300 usec, Duty Cycle < 2%
MBR12020(R) THRU MBR120100(R)
Figure .1-Typical Forward Characteristics
120
AvErage ForwArd Rectified Current - AmPeres
Figure .2-Forward Derating Curve
1000 600
T =25 J
100
I nStantaneous Forward Current - Amperes Amps
400 200 100 60 40 20 10 6.0 4.0 2.0 1.0 MBR12080~ MBR120100 MBR12060 MBR12020~ MBR12040
80
Amps
60
40
20
Single Phase, Half Wave 60Hz Resistive or Inductive Load 0 30 60 90 120 150 180
0
Case Te mperature -
0
0.2
0.4
0.6
Volts
0.8
1.0
1.2
2000 Figure .4-Typical Reverse Characteristics
Tj =150 C
Instantaneous Forward Voltage - Volts
1000 600 400
Instantaneous Reverse Leakage Current - Mill Amperes
200 100 60 40 20
1200
Figure .3- Peak Forward Surge Current 8.3ms Single Half Sine Wave JEDEC method T =25 J
Tj =125 C
Peak Forward Surge Current -Amperes Amps
1000 800 600 400
m Amps
10 6 4 2 1 .6 .4 .2 .1 .06 .04 .02 .01 0 10 20 30 40 Volts Reverse Voltage - Volts 50 60 70 80 90 100
T =75 J
200
0 1
2
4
6
8 10 20 Cycles
40
60 80 100
T =25 J
Number Of Cycles At 60Hz - Cycles


▲Up To Search▲   

 
Price & Availability of MBR120100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X